Part Number Hot Search : 
Z90365 25L20 74F245PC 2SC36 VSH61016 222S2 TLP734 20022
Product Description
Full Text Search
 

To Download MC33364 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC33364
Advance Information Critical Conduction GreenLineTM SMPS Controller
The MC33364 series are variable frequency SMPS controllers that operate in the critical conduction mode. They are optimized for high density power supplies requiring minimum board area, reduced component count, and low power dissipation. Integration of the high voltage startup saves approximately 0.7 W of power compared to the value of the resistor bootstrapped circuits. Each MC33364 features an on-board reference, UVLO function, a watchdog timer to initiate output switching, a zero current detector to ensure critical conduction operation, a current sensing comparator, leading edge blanking, a CMOS driver and cycle-by-cycle current limiting. The MC33364D1 has an internal 126 kHz frequency clamp. The MC33364D2 is available without an internal frequency clamp. The MC33364D has an internal 126 kHz frequency clamp which is pinned out, so that the designer can adjust the clamp frequency by connecting appropriate values of resistance.
http://onsemi.com
8 1
SO-8 D1, D2 SUFFIX CASE 751
16 1
* * * * * * *
Lossless Off-Line Startup Leading Edge Blanking for Noise Immunity Watchdog Timer to Initiate Switching Operating Temperature Range -25 to +125C Shutdown Capability Over Temperature Protection Optional/Adjustable Frequency Clamp to Limit EMI
SO-16 D SUFFIX CASE 751B
PIN CONNECTIONS
MC33364D1 MC33364D2 Zero Current Current Sense Voltage FB Vref 1 2 3 4 (Top View) MC33364D Zero Current 1 2 3 4 5 6 7 8 (Top View) 13 A Vcc 12 P Vcc 11 Gate Drive 10 P Gnd 9 A Gnd 16 Line 8 Line 7 VCC 6 Gate Drive 5 Gnd
85 to 265 Vac
EMI Filter
+
Line Vcc UVLO Ref UVLO StartUp Restart Delay Watchdog Timer Current Sense R RQ S Thermal shutdown Frequency clamp
N/C Current Sense Voltage FB N/C Vref N/C Freq Clamp
ZCD
ZCD
VREF
Vcc GATE
FB
PGND CS
LEB
ORDERING INFORMATION
FC AGND
See detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
(c) Semiconductor Components Industries, LLC, 1999
1
October, 1999 - Rev. 2
Publication Order Number: MC33364/D
MC33364
Figure 1. Representative Block Diagram
Line Vcc Vcc UVLO Reference 15 / 7.6 Vref Buffer ZCD ZCD 4.7 Restart Delay Ref UVLO StartUp
10V VREF
1.2/1.0
Watchdog Timer R R S Level SNA
Vcc GATE
5k FB 45k 15k 0.1V 2V Current Sense 1.25V
Q
Frequency clamp
Thermal shutdown
PGND
LEB 4k FC 10V AGND
CS
This device contains 335 active transistors.
PIN DESCRIPTION
Pin 1 (1) Function Zero Current Detect Description The ZCD Pin ensures critical conduction mode. ZCD monitors the voltage on the auxiliary winding, during the demagnetization phase of the transformer, comparing it to an internal reference. The ZCD sets the latch for the output driver. The Current Sense Pin monitors the current in the power switch by measuring the voltage across a resistor. Leading Edge Blanking is utilized to prevent false triggering. The voltage is compared to a resistor divider connected to the Voltage Feedback Pin. A 110 mV voltage off-set is applied to compensate the natural optocoupler saturation voltage. The Voltage Feedback Pin is typically connected to the collector of the optocoupler for feedback from the isolated secondary output. The Feedback is connected to the Vref Pin via a 5 k resistor providing bias for the external optocoupler. The Vref Pin is a buffered internal 5.0 V reference with Undervoltage Lockout.
AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A AAAAAAAAAAAAAAAAAAAAAAAA A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAA
3 (2) Current Sense 4 (3) Voltage Feedback 6 (4) Vref 8 (NA) Frequency Clamp The Frequency Clamp Pin ensures a minimum off-time (dead time, DT) value, typically 7.9 ms. It prevents the MOSFET from restarting within a fixed (33364D1) or adjustable (33364D) delay. The minimum off-time is disabled in the 33364D2. Therefore the maximum switching frequency cannot exceed 1/(TON + DT). This pin is the ground for the internal circuitry excluding the gate drive stage. This pin is the ground for the gate drive stage. 9 (5) A GND P GND 10 (5) 11 (6) Gate Drive P VCC A VCC The gate drive is the output to drive the gate of the power MOSFET. The P VCC provides the voltage for the gate drive stage. 12 (7) 13 (7) A VCC provides the voltage for all internal circuitry including the Vref. This pin has UnderVoltage Lockout with hysteresis. 16 (8)AAAAAAA Line The Line Pin provides the initial power to the VCC pins. Internally the line pin is a high voltage current source, eliminating the need for an external startup network.
For further information please refer to the following Application Notes; AN1594: Critical Conduction Mode, Flyback Switching Power Supply Using the MC33364.
AN1681: How to keep a Flyback Switch-Mode Power Supply Stable with a Critical-Mode Controller. AN1600: AC-DC Battery Charger Using the MC33364 and the MC33341.
http://onsemi.com
2
MC33364
MAXIMUM RATINGS (TA = 25C, unless otherwise noted.)
Rating Power Supply Voltage (Transient) Symbol VCC VCC Value 20 16 Unit V V V V
AAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAA A AA AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAA A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAA A AA AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AA
Power Supply Voltage (Operating) Line Voltage VLine Vin1 700 Current Sense, Compensation, Voltage Feedback, Restart Delay and Zero Current Input Voltage Zero Current Detect Input Restart Diode Current -1.0 to +10 Iin Iin 5.0 5.0 mA mA
AAA A AA AAAAAAAAAAAAAAAAAAAAAAA A AA AAA A AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAA AA AAAAAAAAAAAAAAAAAAAAAAA A AA
Operating Junction Temperature Operating Ambient Temperature Storage Temperature Range TJ 150 C C C TA -25 to +125 -55 to +150 Tstg
NOTE: ESD data available upon request.
Power Dissipation and Thermal Characteristics D1 and D2 Suffix, Plastic Package Case 751 Maximum Power Dissipation @ TA = 70C Thermal Resistance, Junction-to-Air D Suffix, Plastic Package Case 751B-05 Maximum Power Dissipation @ TA = 70C Thermal Resistance, Junction-to-Air
PD RJA PD RJA
450 178 550 145
mW C/W mW C/W
http://onsemi.com
3
AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAA A A A A AA A A A A AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAA A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAA A A A A AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAA A A A A A AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AA A AA A A AA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAAAAA AAAAAAAAAAAAAAAAAAAAAAAAAAAA A AA
TOTAL DEVICE FREQUENCY CLAMP UNDERVOLTAGE LOCKOUT TIMER LEADING EDGE BLANKING DRIVE OUTPUT CURRENT SENSE COMPARATOR ZERO CURRENT DETECTOR VOLTAGE REFERENCE
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = 25C, for min/max values TJ = -25 to 125C)
VCC Off State Consumption (VCC = 11 V)
VCC Dynamic Operating Current (50 kHz, CL = 1.0 nF)
Line Startup Current (VCC = 0 V, VLine = 50 V)
Line Pin Leakage (VLine = 575 V)
Line Startup Current (VLine = 50 V) (VCC = Vth(on) - 1.0 V) Restart Delay Time
Frequency Clamp Control Current Range (Sink)
Frequency Clamp Input Threshold
Internal FC Function (pin grounded)
Internal FC Function (pin open)
Minimum Operating Voltage After Turn-On (VCC Decreasing)
Startup Threshold (VCC Increasing)
Watchdog Timer
Delay to Current Sense Comparator Input (VFB = 2.0 V, VCS = 0 V to 4.0 V step, CL = 1.0 nF)
Output Voltage in Undervoltage (VCC = 7.0 V, ISink = 1.0 mA)
Output Voltage Fall Time (75% - 25%) (CL = 1.0 nF)
Output Voltage Rise Time (25% - 75%) (CL = 1.0 nF)
Source Resistance (Drive = 0 V, VGate = VCC - 1.0 V) Sink Resistance (Drive = VCC, VGate = 1.0 V)
Feedback Pin to Output Delay
Feedback Pin Input Range
Built In Offset
Input Bias Current (VCS = 0 to 2.0 V)
Input Clamp Voltage High State (IDET = 3.0 mA) Low State (IDET = -3.0 mA)
Hysteresis (Vin Decreasing)
Input Threshold Voltage (Vin Decreasing)
Reference Undervoltage Lockout Threshold
Maximum Vref Output Current
Load Regulation (IOut = 0 mA to 5.0 mA)
Line Regulation (VCC = 10 V to 20 V)
Reference Output Voltage (IOut = 0 mA, TJ = 25C)
Characteristic
http://onsemi.com
MC33364
tPHL(in/out)
VShutdown
4 Regload Symbol VO(UV) IControl Vth(FC) Regline ICC Off Vth(on) ROH ROL ILine ILine ILine tDLY fmax fmax tDLY tDLY VFB Vref ICC VIO VIH VIL Vth Vth VH IIB IO tr tf -0.5 9.0 -1.1 4.90 Min 300 400 104 200 100 1.5 6.0 0.5 5.0 6.5 1.1 0.9 30 14 10 5 50 - - - - - - - - - - 10.33 -0.75 2.75 0.01 1.24 0.02 5.05 Typ 8.5 100 564 126 410 250 232 108 200 2.0 7.6 1.0 4.5 0.3 2.0 10 32 70 15 28 67 36 11 5 544 0.03 5.20 Max 800 800 145 700 150 400 170 110 4.5 8.5 1.4 0.5 12 0.5 1.1 12 70 12 16 50 70 25 50 50 - - - - Unit kHz kHz mA mA mA ms mV mV mA mV mV A A A s ns ns ns ns V V V V V V V V V A
MC33364
Figure 2. Drive Output Waveform
30 25 OUTPUT VOLTAGE (V) 20 15 10 5.0 0 -5.0 5.0 s/DIV VCC = 14 V CL = 1000 pF TA = 25C t DLY, WATCHDOG TIME DELAY ( s) 500 VCC = 14 V
Figure 3. Watchdog Timer Delay versus Temperature
450
400
350
300 -55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (C)
Figure 4. Supply Current versus Supply Voltage
6.0 I CC, SUPPLY CURRENT (mA)
4.0 Circuit of Figure NO TAG TA = 25C 2.0
0 4.0
6.0
8.0
10
12
14
16
VCC, SUPPLY VOLTAGE (V)
Figure 5. Transient Thermal Resistance
Td , PROGRAMMED DEAD TIME ( sec) 1000 R JA(t), THERMAL RESISTANCE JUNCTION-TO-AIR (C/W) D Suffix 16 Pin SOIC 25 20 15 10 5.0
Figure 6. Dead Time versus Frequency Clamp Source / Sink Current
D Suffix 16 Pin SOIC TA = 25C VCC = 14 V
100
10 0.01
0.1
1.0 t, TIME (s)
10
100
0.0 -100 -80
-60
-40
-20
0
20
40
60
80
100
IFC, FREQUENCY CLAMP SOURCE / SINK CURRENT (A)
http://onsemi.com
5
MC33364
FUNCTIONAL DESCRIPTION
INTRODUCTION
With the goal of reducing the size and cost of off-line power supplies, there is an ever increasing demand for an economical method of obtaining a regulated galvanically isolated dc output voltage using a control which operates
directly from the ac line. This data sheet describes a monolithic control IC that was specifically designed for power supply control with a minimal number of external components. It offers the designer a simple cost effective solution to obtain the benefits of off-line power regulation.
Figure 7. Functional Block Diagram
1N4006 D1 85 to 265 Vac EMI Filter D2 D3 D4 T1 D8 MBR340 C5 300F R5 47 K R6 47 K C4 1F 6.0 V 2.0 A + C1 10F 400V
D5 1N4934 R1 56
Line Vcc Vcc UVLO Reference 15 / 7.6 Vref Buffer ZCD ZCD 4.7 Restart Delay Ref UVLO StartUp
C3 20F
D6 MUR160
R2 22 k
VREF
10V
1.2/1.0
Watchdog Timer R R S
Vcc GATE
C10 0.1F
FB
5k Current Sense 1.25V 45k 15k 0.1V 2V
Q
Q1 MTD1N60 R4 470 (optional) R7 2.2
Frequency clamp
Thermal shutdown
PGND
R8 430 R10 14 k 5 4 R9 39 k 1 2 C7 10 nF C8 330 pF R11 10 k
LEB 4k FC 10V AGND
CS
U3 MOC8102
Note: Frequency Clamp and AGND applicable on D version only.
U2 TL431
3
1 2
http://onsemi.com
6
MC33364
Operating Description
The MC33364 contains many of the building blocks and protection features that are employed in modern high performance current mode power supply controllers. Referring to the block diagram in Figure 7, note that this device does not contain an oscillator. A description of each of the functional blocks is given below.
Zero Current Detector
The Feedback pin is internally pulled up with a 5 kOhm resistor from the 5.0 volt Vref pin. The Feedback pin uses a resistor divider to proportionally adjust the voltage into the inverting input of the comparator. The inverting input also has a 1.25 volt clamp. Typically the Feedback pin is connected to the collector of the optocoupler.
Timer
The MC33364 operates as a critical conduction current mode controller, whereby the output switch conduction is initiated by the Zero Current Detector pin and terminated when the peak inductor current reaches the programmed threshold level. The ZCD pin indirectly monitors the inductor current by sensing the auxiliary winding voltage. When the voltage falls below the set threshold, 1.0 volt, the comparator resets the latch to turn on the MOSFET. There is 200 mV of hysteresis built into the comparator for noise immunity and to prevent false tripping The ZCD pin is internally protected by a 10 volt and -0.7 volt clamp. An external resistor is necessary to limit the input current to 2 mA to protect the clamp. Since the MC33364 implements the ZCD pin, the SMPS circuit has the following benefits: 1. A less expensive rectifier can be used on the output windings because of the zero current switching which naturally softens the diode turn-off. 2. The second benefit is the peak drain current which is limited to twice the average input current. By combining the ZCD series resistor with the pin capacitance, a drain-source valley switching can be implemented, further reducing the turn-on losses and the EMI disturbances. 3. By preventing the SMPS from entering the Continuous Conduction Mode (CCM), the MC33364 forces the system to stay a first-order device (in the lower frequency range) in any operating condition (output short, start-up, low mains). The feedback compensation network is thus considerably simplified.
Current Sense and Feedback Inputs
A watchdog timer function was added to the IC to eliminate the need for an external oscillator when used in stand alone applications. The Timer provides a means to automatically start or restart the preconverter if the Drive Output has been off for more than 410 microseconds after the inductor current reaches zero. This time-out thus ensures the IC will restart when the demagnetization signal is lower than the internal ZCD 1V threshold or has simply been lost.
Undervoltage Lockout
The MC33364 has a hysteretic UVLO associated with the VCC pin. During startup, VCC must rise to 15 volts to turn off the startup circuit associated with the Line pin and to enable the output drivers. The voltage at VCC must remain above 7.6 volts for the part to remain operational.
Internal Reference
The MC33364 has an internal buffered 5.0 volt reference. The reference requires a 0.1 F bypass capacitor for noise immunity. The reference is capable of sourcing 10 mA typically. The reference contains an independant UVLO which will disable the output drive circuitry.
Startup Circuit and Restart Delay
The Current Sense pin and the Feedback pin are linked internally in the device via the current sense comparator. The output of the comparator is connected to the Set of the RS Latch, which turns the external MOSFET off. The current sense operates by using a resistor, connected between the source of the MOSFET and ground, to convert the current through the inductor to a voltage. Leading Edge Blanking is implemented to prevent false triggering due to parasitics. The current sense voltage is level shifted up by 0.1 volt into the non-inverting input of the comparator. This offset accounts for the optocoupler VCEsat and allows the duty-cycle to be zero. The maximum peak switch current is 1.15V (the maximum voltage at the inverting input, 1.25 volts, minus 0.1 volt, the level shift) divided by the external current sense resistance. The Current Sense Input to Drive Output propagation delay is 232 nsec typically.
A high voltage Startup Circuit is contained within the MC33364 eliminating the need for external components. The internal startup circuit operates as a constant current source to charge up the bypass capacitor on the VCC pin. The Startup Circuitry is controlled by the Restart Delay circuitry. The threshold levels of the turn on and turn off are below 4.5 volts and above 15 volts, respectively, as measured on the VCC pin. A restart delay function is provided to allow hiccup mode fault protection in case of a short circuit condition and to prevent the SMPS from repeatedly trying to restart after the input line voltage has been removed. During a short circuit, the restart delay prevents excessive power dissipation in the primary side of the SMPS and allows time for the output to reset the fault condition. The restart delay time is approximately 100 msec.
Output Switching Frequency Clamp
In normal operation, the MC33364 operates the flyback transformer in the critical conduction mode. The CCM is defined by the transformer ramping to a peak current value, ramping down to zero, then immediately ramping positive again. The peak current is programmed by the current sense resistor and is compared with a divided down voltage from the feedback pin. When the output is reduced from full load to standby or no load, the switching frequency can increase dramatically to hundreds of kilohertz. Due to EMI regulations above 150 kHz, the Frequency Clamp on the
http://onsemi.com
7
MC33364
MC33364D and MC33364D1 will limit the upper frequency to 126 kHz. The Frequency Clamp inserts a dead-time immediately after the driving signal goes low. If the ZCD signal comes within this dead-time, the information is ignored until the dead-time expires. By forcing the dead-time, the transformer will operate in the Discontinuous Mode. The next coming ZCD signal starts the latch. The MC33364 is available in three versions: MC33364D1: the internal dead-time is fixed at 6.9sec typically MC33364D2: there is no internal dead-time MC33364D: the internal dead-time can be either lengthened, shortened or eliminated by biasing the appropriate pin The FC pin contains a 4.0 kOhm series resistor into the non-inverting input of a comparator. The non-inverting input has a 10 volt clamp to limit overvoltage. Refer to Figure 8 for a detailed circuit of the Frequency Clamp.
Figure 8. Simplified Frequency Clamp Circuit
RVCC (optional) Off time increase 4.0 k 2.0 V RGND (optional) Off time decrease Gate Drive Signal 10 pF 2.0 V 5.0 V 3.0 A FC Output to PWM OR Gate
The MC33364D has a Frequency Clamp pin which can vary the maximum frequency. If the FC pin floats, the dead-time is fixed at 6.9 sec typically. If the FC pin is grounded, the clamp is disabled. By sinking or sourcing a current up to 100 A into the FC pin will vary the maximum frequency (see Figure 6). However, we do not recommend exceeding 80A because the high dDT/dIFC would not ensure a stable operation.
Output
The IC contains a CMOS output driver specifically designed for direct drive of power MOSFETs. The Drive Output typical rise and fall time is 50 nS with a 1.0 nF load. Unbalanced Source and Sink capability eliminates the need for an external resistor between the IC Drive output and the Gate of the external MOSFET. Additional internal circuitry has been added to keep the Drive Output in a sinking mode whenever the UVLO is active. This characteristic eliminates the need for an external gate pull-down resistor.
Frequency Clamp
NOTE: For proper operation, use either RVcc or Rgnd or let the pin float.
http://onsemi.com
8
MC33364
APPLICATION INFORMATION
Design Example
Design an off-line Flyback converter according to the following requirements: Output Power: 12 W Output: 6.0 V @ 2 Amperes Input voltage range: 90 Vac - 270 Vac, 50/60 Hz The operation for the circuit shown in Figure NO TAG is as follows: the rectifier bridge D1-D4 and the capacitor C1 convert the ac line voltage to dc. This voltage supplies the primary winding of the transformer T1 and the startup circuit in U1 through the line pin. The primary current loop is closed by the transformer's primary winding, the TMOS switch Q1 and the current sense resistor R7. The resistors R5, R6, diode D6 and capacitor C4 create a snubber clamping network that protects Q1 from spikes on the primary winding. The network consisting of capacitor C3, diode D5 and resistor R1 provides a VCC supply voltage for U1 from the auxiliary winding of the transformer. The resistor R1 makes VCC more stable and resistant to noise. The resistor R2 reduces the current flow through the internal clamping and protection zener diode of the Zero Crossing Detector (ZCD) within U1. C3 is the decoupling capacitor of the supply voltage. The resistor R3 can provide additional bias current for the optoisolator's transistor. The diode D8 and the capacitor C5 rectify and filter the output voltage. The TL431, a programmable voltage reference, drives the primary side of the optoisolator to provide isolated feedback to the MC33364. The resistor divider consisting of R10 and R11 program the voltage of the TL431. The resistor R9 and the capacitors C7 and C8 provide frequency compensation of the feedback loop. Resistor R8 provides a current limit for the opto coupler and the TL431. Since the critical conduction mode converter is a variable frequency system, the MC33364 has a built-in special block to reduce switching frequency in the no load condition. This block is named the "frequency clamp" block. MC33364 used in the design example has an internal frequency clamp set to 126 kHz. However, optional versions with a disabled or variable frequency clamp are available. The frequency clamp works as follows: the clamp controls the part of the switching cycle when the MOSFET switch is turned off. If this "off-time" (determined by the reset time of the transformer's core) is too short, then the frequency clamp does not allow the switch to turn-on again until the defined frequency clamp time is reached (i.e., the frequency clamp will insert a dead time). There are several advantages of the MC33364's startup circuit. The startup circuit includes a special high voltage switch that controls the path between the rectified line voltage and the VCC supply capacitor to charge that capacitor by a limited current when the power is applied to the input. After a few switching cycles the IC is supplied from the transformer's auxiliary winding. After VCC reaches the undervoltage lockout threshold value, the startup switch is turned off by the undervoltage and the
overvoltage control circuit. Because the power supply can be shorted on the output, causing the auxiliary voltage to be zero, the MC33364 will periodically start its startup block. This mode is named "hiccup mode". During this mode the temperature of the chip rises but remains protected by the thermal shutdown block. During the power supply's normal operation, the high voltage internal MOSFET is turned off, preventing wasted power, and thereby, allowing greater circuit efficiency. Since a bridge rectifier is used, the resulting minimum and maximum dc input voltages can be calculated:
V V in(min) in(max) dc dc
+ +
2 xV 2 xV
in(min) in(max)
ac
+ +
2 (90 Vac)
+ 127 V + 382 V
ac
2 (270 Vac)
The maximum average input current is:
I in 12 W + nVPout + 0.8(127 V) + 0.118 A in(min)
where n = estimated circuit efficiency. A TMOS switch with 600 V avalanche breakdown voltage is used. The voltage on the switch's drain consists of the input voltage and the flyback voltage of the transformer's primary winding. There is a ringing on the rising edge's top of the flyback voltage due to the leakage inductance of the transformer. This ringing is clamped by the RCD network. Design this clamped wave for an amplitude of 50 V below the avalanche breakdown of the TMOS device. Add another 50 V to allow a safety margin for the MOSFET. Then a suitable value of the flyback voltage may be calculated:
V flbk
+ VTMOS * Vin(max) * 100 V + 600 V * 382 V * 100 V + 118 V + Vin(min) + 127 V
Since this value is very close to the Vin(min), set:
V flbk
The Vflbk value of the duty cycle is given by:
max V 127 + V )flbk + [127 V ) V V] + 0.5 V 127 in(min) flbk
The maximum input primary peak current:
I ppk I in + 2max + 2.0(0.118 A) + 0.472 A 0.5
Choose the desired minimum frequency fmin of operation to be 70 kHz. After reviewing the core sizing information provided by a core manufacturer, a EE core of size about 20 mm was chosen. Siemens' N67 magnetic material is used, which corresponds to a Philips 3C85 or TDK PC40 material.
http://onsemi.com
9
MC33364
The primary inductance value is given by:
Lp
The approximate value of rectifier capacitance needed is:
C1
+
max V I ppk
in(min) f min
0.5(127 + (0.472 A)(70V)kHz) + 1.92 mH
+ tVoff(Iin) + (5 m sec)(0.118 A) + 11.8 mF 50 V
ripple
The manufacturer recommends for that magnetic core a maximum operating flux density of:
B max
+ 0.2 T
The cross-sectional area Ac of the EF20 core is:
Ac
+ 33.5 mm2
p + Npppk Ac LI
The operating flux density is given by:
B max
where the minimum ripple frequency is 2 times the 50 Hz line frequency and toff, the discharge time of C1 during the haversine cycle, is assumed to be half the cycle period. Because we have a variable frequency system, all the calculations for the value of the output filter capacitors will be done at the lowest frequency, since the ripple voltage will be greatest at this frequency. When selecting the output capacitor select a capacitor with low ESR to minimize ripple from the current ripple. The approximate equation for the output capacitance value is given by:
C5
From this equation the number of turns of the primary winding can be derived:
np ppk + BmaxAc L pI
+ (f
I out )(V ) min rip
2A + (70 kHz)(0.1 V) + 286 mF
The AL factor is determined by:
Determining the value of the current sense resistor (R7), one uses the peak current in the predesign consideration. Since within the IC there is a limitation of the voltage for the current sensing, which is set to 1.2 V, the design of the current sense resistor is simply given by:
R7 1.2 + IVcs + 0.472VA + 2.54 W [ 2.2 W ppk
A
L
+ n2p +
Lp
L p B maxA c 2 Lp I ppk
2
+
0.2 T 33.5 E-6 m 2 .00192 H (0.472 A)
2 2
+ 105 nH
From the manufacturer`s catalogue recommendation the core with an AL of 100 nH is selected. The desired number of turns of the primary winding is:
np
+
Lp A L
12
+
(0.00192 H) (100 nH)
12
+ 139 turns
The error amplifier function is provided by a TL431 on the secondary, connected to the primary side via an optoisolator, the MOC8102. The voltage of the optoisolator collector node sets the peak current flowing through the power switch during each cycle. This pin will be connected to the feedback pin of the MC33364, which will directly set the peak current. Starting on the secondary side of the power supply, assign the sense current through the voltage-sensing resistor divider to be approximately 0.25 mA. One can immediately calculate the value of the lower and upper resistor:
R lower 2.5 V + R11 + Vref I(TL431) + 0.25 mA + 10 k
The number of turns needed by the 6.0 V secondary is (assuming a Schottky rectifier is used):
)Vfwd ns +
Vs
1- max n p in(min)
R upper
max V
V *0.5 + 6.0 V )0.31271V 139 +7 turns 0.5
+ R10 + Vout * Vref(TL431) I div V 2.5V + 6.00.25*mA + 14 k
div
The auxiliary winding to power the control IC is 16 V and its number of turns is given by:
naux
+ (Vaux ) Vfwd)(1 *
max(V
max)n p )
The value of the resistor that would provide the bias current through the optoisolator and the TL431 is set by the minimum operating current requirements of the TL431. This current is minimum 1.0 mA. Assign the maximum current through the branch to be 5 mA. That makes the bias resistor value equal to:
R bias
0.9 V)(1 * + (16 V )[0.5(127 V)] 0.5)139 + 19 turns
in(min)
+ RS + Vout * [VrefI(TL431) ) VLED] LED 6.0 V * [2.5V ) 1.4V] + + 420 W [ 430 W
5.0 mA
http://onsemi.com
10
MC33364
The MOC8102 has a typical current transfer ratio (CTR) of 100% with 25% tolerance. When the TL431 is full-on, 5 mA will be drawn from the transistor within the MOC8102. The transistor should be in saturated state at that time, so its collector resistor must be
R V 0.3 + VrefI * Vsat + 5.0 5.0*mA V + 940 W collector LED
The gain exhibited by the open loop power supply at the high input voltage will be:
A
+
V
* Vout in max
in max
2 Ns
(V
)(V error)(Np)
V) (7) + (382 V * 6.0V)(139) (382 V)(1.2 2
+ 15.53 + 23.82 dB
bandwidth is
Since a resistor of 5.0 k is internally connected from the reference voltage to the feedback pin of the MC33364, the external resistor can have a higher value
R ext )(R ) collector + (5.0 k)(940) + R3 + (R(Rint* (R ) ) 5.0 k * 940 int collector
The maximum approximately:
fc
recommended
+ fs min + 70 5kHz + 14 kHz 5
+ 1157 W [ 1200 W
This completes the design of the voltage feedback circuit. In no load condition there is only a current flowing through the optoisolator diode and the voltage sense divider on the secondary side. The load at that condition is given by:
R
The gain needed by the error amplifier to achieve this bandwidth is calculated at the rated load because that yields the bandwidth condition, which is:
Gc
+ 20 log
fc f ph
kHz * A + 20 log 14177 * 23.82 dB + 14.14 dB
The gain in absolute terms is:
Ac
+ (I noload
V out LED
) Idiv) V + (5.0 mA6.0 0.25 mA) + 1143 W )
C out ) 1 + (2p)(1143)(300 mF) + 0.46 Hz
+ 10(Gc 20) + 10(14.14 20) + 51
Now the compensation circuit elements can be calculated. The output resistance of the voltage sense divider is given by the parallel combination of resistors in the divider:
R
The output filter pole at no load is:
f pn
+ ( 2p R
1 noload
+ Rupper || Rlower + 10 k || 14 k + 5833 W R9 + (Ac) (R ) + 29.75 k [ 30 k in
in
C8
In heavy load condition the ILED and Idiv is negligible. The heavy load resistance is given by:
R heavy
+ +
1 2p (A c) (R ) (f c) in
+ 382 pF [ 390 pF
+ I + 6.0 V + 3.0 W 2.0 A
V out out 1 heavy C out) 1 + (2p)(3)(300 mF) + 177 Hz
The compensation zero must be placed at or below the light load filter pole:
C7 1 2p (R9) (f pn)
The output filter pole at heavy load of this output is
f pn
+ 11.63 mF [ 10 mF
+ (2p R
http://onsemi.com
11
MC33364
Figure 9. Critical Conduction Mode Flyback Converter
The described critical conduction mode flyback converter has the following performance and maximum ratings: Output power 12W Output 12V @ 1Amp max Input voltage range 90VAC - 270VAC J1 3 1 Line J2 1 Gnd 2 D1 S380 T1 10uF 400V C4 10uF 220 2 1 R1 D2 1N4148 R2 100k 8 7 U1 LINE VCC ZCD 1 R4 47k 9 7 R3 47k C5 1nF 2 D3 MURS160T3 4 6 2 R5 2.2 5 4 2 U3 MOC8102 1 3 Q1 MTD1N60 C9 100nF 3 1 U2 1 TL431 2 R9 4k7 J4 1 -Vout D4 4 MBRD360 C6 300uF R6 2k7 R7 820 R8 18k J3 1 +Vout
5
GATE MC33364 GND CS VREF FB 0.1uF 3
4
http://onsemi.com
12
MC33364
Figure 10. Universal Input Battery Charger
J2 1 2 Output 12 V @ 0.8 Amp max Input Voltage Range 90 - 270 Vac, 50/60 Hz
R13 22 k
R12 82 k
R11 10 k
5 VS 6 CSB
Gnd 4 R10 0.25 R9 100
5.1 V R8 4.7 k D8 B2X84C5V1LT1 C5 100 F C6 1.0 F R7 100 9 T1 5 4 7
CMP 3 U2 7 VCC MC33341 CTA 2 CSA 1 8 DO
C7 33 nF
D7 1N4148
D6 MURS320T3 2 1
3 C4 1.0 nF
2 D5 MURS 160T3 Q1 MTD1N60E R4 2.2 5 4
R6 47 k
R5 47 k
U3 MOC8102
D3 1N4148 R1 220 C2 20 F R3 22 k 6 Gate 1 ZCD 7 VCC C1 D1 B250R F1 T 0.2 A 8 Line 10 F 400 V 2 CS U1 MC33364D1 Gnd 5 FB 3 C3 Vref 4 0.1 F
12 J1 Line
T1 = 139 Turns #28 Awg, primary winding 2 - 3 7 Turns, Bifilar 2 x #26 Awg, output winding 9 - 7 19 Turns #28 Awg, auxiliary winding 4 - 5 on Philips EF20-3C85 core gap for a primary inductor of 1.92 mH.
http://onsemi.com
13
MC33364
ORDERING INFORMATION
Device MC33364D1 MC33364D1R2 MC33364D2 MC33364D2R2 MC33364D MC33364DR2 Package SO-8 SO-8 Tape & Reel SO-8 SO-8 Tape & Reel SO-8 SO-8 Tape & Reel Shipping 98 Units / Rail 2500 Units / Tape & Reel 98 Units / Rail 2500 Units / Tape & Reel 48 Units / Rail 2500 Units / Tape & Reel
PACKAGE DIMENSIONS
D1, D2 SUFFIX PLASTIC PACKAGE CASE 751-05 (SO-8) ISSUE S
A
8
D C
5
E
1 4
H
0.25
M
B
M
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS ARE IN MILLIMETERS. 3. DIMENSION D AND E DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE. 5. DIMENSION B DOES NOT INCLUDE MOLD PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS OF THE B DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A A1 B C D E e H h L MILLIMETERS MIN MAX 1.35 1.75 0.10 0.25 0.35 0.49 0.18 0.25 4.80 5.00 3.80 4.00 1.27 BSC 5.80 6.20 0.25 0.50 0.40 1.25 0_ 7_
B C
e A
SEATING PLANE
h
X 45 _
q
0.10 A1 0.25 B
M
L CB
S
A
S
q
http://onsemi.com
14
MC33364
PACKAGE DIMENSIONS
D SUFFIX PLASTIC PACKAGE CASE 751B-05 (SO-16) ISSUE J
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
DIM A B C D F G J K M P R
0.25 (0.010)
TB
S
A
S
http://onsemi.com
15
MC33364
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
USA/EUROPE Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line*: 303-675-2167 800-344-3810 Toll Free USA/Canada
*To receive a Fax of our publications
ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-8549 Phone: 81-3-5487-8345 Email: r14153@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
N. America Technical Support: 800-282-9855 Toll Free USA/Canada
http://onsemi.com
16
MC33364/D


▲Up To Search▲   

 
Price & Availability of MC33364

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X